Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC85DT Datasheet (PDF) - Motorola, Inc

MC74HC85DT Datasheet PDF - Motorola, Inc
Part # MC74HC85DT
Download  MC74HC85DT Download
File Size   219.48 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4-Bit Magnitude Comparator

MC74HC85DT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC85DT Datasheet PDF - Motorola, Inc

Part # MC74HC85DT
Download  MC74HC85DT Click to download

File Size   219.48 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4-Bit Magnitude Comparator

MC74HC85DT Datasheet (HTML) - Motorola, Inc


MC74HC85DT Product details

4-Bit Magnitude Comparator
High–Performance Silicon–Gate CMOS

The MC74HC85 is identical in pinout and function to the LS85. This device is similar in function to the MM74C85 and L85, but has a different pinout. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
This 4–Bit Magnitude Comparator compares two 4–bit nibbles and gives a high voltage level on either the A > Bout, A = Bout, or A < Bout output, leaving the other two at a low voltage level. This device also has A > Bin, A = Bin, and A < Bin inputs, eliminating the need for external gates when cascading.

• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• Chip Complexity: 248 FETs or 62 Equivalent Gates




Similar Part No. - MC74HC85DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC86 ONSEMI-MC74HC86 Datasheet
158Kb / 8P
Quad 2-Input Exclusive OR Gate
March, 2000 ??Rev. 2
MC74HC86A ONSEMI-MC74HC86A Datasheet
158Kb / 8P
Quad 2-Input Exclusive OR Gate
March, 2000 ??Rev. 2
MC74HC86A ONSEMI-MC74HC86A Datasheet
163Kb / 8P
Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HC86A ONSEMI-MC74HC86A Datasheet
109Kb / 6P
Quad 2-Input Exclusive OR Gate
August, 2014 ??Rev. 7
MC74HC86AD ONSEMI-MC74HC86AD Datasheet
158Kb / 8P
Quad 2-Input Exclusive OR Gate
March, 2000 ??Rev. 2
More results


Similar Description - MC74HC85DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com