Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9154A Datasheet (PDF) - Integrated Device Technology

9154A Datasheet PDF - Integrated Device Technology
Part # 9154A
Download  9154A Download
File Size   161.71 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low-Cost 16-Pin Frequency Generator

9154A Datasheet (PDF)

Go To PDF Page Download Datasheet
9154A Datasheet PDF - Integrated Device Technology

Part # 9154A
Download  9154A Click to download

File Size   161.71 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low-Cost 16-Pin Frequency Generator

9154A Datasheet (HTML) - Integrated Device Technology


9154A Product details

General Description
The 9154A is a 0.8mm version of the industry leading 9154. Like the 9154, the 9154A is a low-cost frequency generator designed for general purpose PC and disk drive applications. However, because the 9154A uses 0.8mm technology and the latest phase-locked loop architecture, it offers performance advantages that enable the device to be sold into Pentium™ systems.

Features
• Compatible with 386, 486 and Pentium CPUs
• 45/55 Duty cycle
• Runs up to 66 MHz at 3.3V
• Single pin can slow clock to 8 MHz (on -42 and -43)
• Single pin can stop the CPU clock glitch-free (on -43)
• Very low jitter, ±250ps for Pentium frequencies
• 1X and 2X CPU clocks skew controlled to ±250ps (-42
   only)
• Smooth transitions between all CPU frequencies
• Slow frequency ramp at power-on avoids CPU lock-up
• 16-pin 150-mil skinny SOIC packages
• 0.8µm CMOS technology

Applications
   Computer motherboards: The 9154A replaces crystals and
   oscillators, saving board space, component cost, part count
   and inventory costs. It produces a switchable CPU clock and
   up to four fixed clocks to drive floppy disk, communications,
   super I/O, Bus, and/or keyboard devices. The small package
   and 3.3V operation is perfect for handheld computers.




Similar Part No. - 9154A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
9154A-04CS16 ICST-9154A-04CS16 Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
9154A-10CS16 ICST-9154A-10CS16 Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
9154A-27CS16 ICST-9154A-27CS16 Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
9154A-42CS16 ICST-9154A-42CS16 Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
More results


Similar Description - 9154A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
Low Cost 20-Pin Frequency Generator
Rev F 12/13/00
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
Low Cost 20-Pin Frequency Generator
RevD060197
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
Low Cost 20-Pin Frequency Generator
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com