Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

474SC70E Datasheet (PDF) - Hittite Microwave Corporation

474SC70E Datasheet PDF - Hittite Microwave Corporation
Part # 474SC70E
Download  474SC70E Download
File Size   215.86 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz

474SC70E Datasheet (PDF)

Go To PDF Page Download Datasheet
474SC70E Datasheet PDF - Hittite Microwave Corporation

Part # 474SC70E
Download  474SC70E Click to download

File Size   215.86 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz

474SC70E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 474SC70E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474SMH050M ILLINOISCAPACITOR-474SMH050M Datasheet
101Kb / 2P
105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
474SMH050M ILLINOISCAPACITOR-474SMH050M Datasheet
200Kb / 2P
105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
474SMH050M ILLINOISCAPACITOR-474SMH050M Datasheet
224Kb / 2P
General Purpose 1000 hours
474SMH050M ILLINOISCAPACITOR-474SMH050M Datasheet
218Kb / 2P
Small size ??Extended Life ??Low cost
474SMH050M ILLINOISCAPACITOR-474SMH050M Datasheet
284Kb / 2P
Small Size ??Extended Life ??Low Cost
More results


Similar Description - 474SC70E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC474SC70 HITTITE-HMC474SC70 Datasheet
257Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86 HITTITE-HMC474MP86_09 Datasheet
224Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC476MP86 HITTITE-HMC476MP86_10 Datasheet
228Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC476SC70 HITTITE-HMC476SC70_10 Datasheet
211Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com