Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22405YML Datasheet (PDF) - Micrel Semiconductor

MIC22405YML Datasheet PDF - Micrel Semiconductor
Part # MIC22405YML
Download  MIC22405YML Download
File Size   1732.77 Kbytes
Page   30 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 4A Integrated Switch High-Efficiency Synchronous Buck Regulator

MIC22405YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC22405YML Datasheet PDF - Micrel Semiconductor

Part # MIC22405YML
Download  MIC22405YML Click to download

File Size   1732.77 Kbytes
Page   30 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 4A Integrated Switch High-Efficiency Synchronous Buck Regulator

MIC22405YML Datasheet (HTML) - Micrel Semiconductor


MIC22405YML Product details

General Description
The Micrel MIC22405 is a high efficiency, 4A integrated switch synchronous buck (step-down) regulator. The MIC22405 is optimized for highest efficiency, achieving more than 95% efficiency while still switching at 1MHz. The ultra-high speed control loop keeps the output voltage within regulation even under the extreme transient load swings commonly found in FPGAs and low-voltage ASICs. The output voltage is pre-bias safe and can be adjusted down to 0.7V to address all low-voltage power needs.

Features
• Input voltage range: 2.9V to 5.5V
• Output voltage adjustable down to 0.7V
• Output load current up to 4A
• Safe start-up into a pre-biased output
• Full sequencing and tracking capability
• Power Good output
• Efficiency > 95% across a broad load range
• Programmable frequency 300kHz to 4MHz
• Ultra-fast transient response
• Easy RC compensation
• 100% maximum duty cycle
• Fully-integrated MOSFET switches
• Thermal shutdown and current-limit protection
• 20-pin 3mm x 4mm MLF®
• –40°C to +125°C junction temperature range

Applications
• High power density point-of-load conversion
• Servers, routers, and base stations
• DVD recorders / Blu-ray players
• Computing peripherals
• FPGAs, DSP and low voltage ASIC power




Similar Part No. - MIC22405YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results


Similar Description - MIC22405YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
International Rectifier
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Micrel Semiconductor
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com