Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20100CT Datasheet (PDF) - Tak Cheong Electronics (Holdings) Co.,Ltd

MBRF20100CT Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd
Part # MBRF20100CT
Download  MBRF20100CT Download
File Size   156.33 Kbytes
Page   4 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 20A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier

MBRF20100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF20100CT Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MBRF20100CT
Download  MBRF20100CT Click to download

File Size   156.33 Kbytes
Page   4 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 20A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier

MBRF20100CT Datasheet (HTML) - Tak Cheong Electronics (Holdings) Co.,Ltd


MBRF20100CT Product details

Full Pack High Voltage Schottky Rectifier

Specification Features:
■ High Voltage Wide Range Selection, 100V, 150V & 200V
■ High Switching Speed Device
■ Low Forward Voltage Drop
■ Low Power Loss and High Efficiency
■ Guard Ring for Over-voltage Protection
■ High Surge Capability
■ RoHS Compliant
■ Matte Tin(Sn) Lead Finish
■ Terminal Leads Surface is Corrosion Resistant
   and can withstand to 260°C Wave Soldering or
   per MIL-STD-750, Method 2026.




Similar Part No. - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100CT MCC-MBRF20100CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF20100CT VISHAY-MBRF20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Taiwan Semiconductor Co...
MBRF20100CT TSC-MBRF20100CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100CT TSC-MBRF20100CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
MBR2070CT DIODES-MBR2070CT_1 Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR2060 TAK_CHEONG-TCMBR2060 Datasheet
71Kb / 2P
20A SCHOTTKY BARRIER DIODE High Current Schottky Rectifier
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBRF10100CT TAK_CHEONG-MBRF10100CT Datasheet
154Kb / 4P
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Formosa MS
MBRF10100CT FORMOSA-MBRF10100CT Datasheet
166Kb / 3P
Full Pack High Voltage Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com