Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150EBU02 Datasheet (PDF) - Vishay Siliconix

150EBU02 Datasheet PDF - Vishay Siliconix
Part # 150EBU02_11
Download  150EBU02 Download
File Size   134.03 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 150 A FRED Pt®

150EBU02 Datasheet (PDF)

Go To PDF Page Download Datasheet
150EBU02 Datasheet PDF - Vishay Siliconix

Part # 150EBU02_11
Download  150EBU02 Click to download

File Size   134.03 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 150 A FRED Pt®

150EBU02 Datasheet (HTML) - Vishay Siliconix


150EBU02 Product details

• Ultrafast recovery time
• 175 °C max. operating junction temperature
• Screw mounting only
• Designed and qualified according to
JEDEC-JESD47
• Compliant to RoHS Directive 2002/95/EC
• PowerTab® package




Similar Part No. - 150EBU02_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150EBU02 IRF-150EBU02 Datasheet
145Kb / 6P
Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED PtTM
30-Oct-08
More results


Similar Description - 150EBU02_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150EBU04 VISHAY-150EBU04_11 Datasheet
134Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt
16-Jun-11
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
15-Aug-11
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
Ultrafast Soft Recovery Diode, 80 A FRED Pt®
15-Jun-11
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt®
15-Jun-11
VS-150EBU04 VISHAY-VS-150EBU04 Datasheet
133Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt
16-Jun-11
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
09-Jul-15
VS-150EBU02HF4 VISHAY-VS-150EBU02HF4 Datasheet
154Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED Pt®
16-Jun-15
VS-150EBU04HF4 VISHAY-VS-150EBU04HF4 Datasheet
138Kb / 7P
Ultrafast Soft Recovery Diode, 150 A FRED Pt®
16-Jun-15
VS-EBU15006-F4 VISHAY-VS-EBU15006-F4 Datasheet
143Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode, 150 A
16-Jun-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com