Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQA20T300C Datasheet (PDF) - Power Integrations, Inc.

LQA20T300C Datasheet PDF - Power Integrations, Inc.
Part # LQA20T300C
Download  LQA20T300C Download
File Size   185.26 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 300 V, 20 A Q-Series Common-Cathode Diode

LQA20T300C Datasheet (PDF)

Go To PDF Page Download Datasheet
LQA20T300C Datasheet PDF - Power Integrations, Inc.

Part # LQA20T300C
Download  LQA20T300C Click to download

File Size   185.26 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 300 V, 20 A Q-Series Common-Cathode Diode

LQA20T300C Datasheet (HTML) - Power Integrations, Inc.


LQA20T300C Product details

General Description
This device has the lowest QRR of any 300 V Silicon diode. Its recovery characteristics increase efficiency, reduce EMI and eliminate snubbers.

Features
• Low QRR, Low IRRM, Low tRR
• High dIF/dt capable (1000A/µs)
• Soft recovery

Benefits
• Increases efficiency
   • Eliminates need for snubber circuits
   • Reduces EMI filter component size & count
• Enables extremely fast switching

Applications
• AC/DC and DC/DC output rectification
   • Output & freewheeling diodes
• Motor drive circuits
• DC-AC inverters




Similar Part No. - LQA20T300C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA20T300C POWERINT-LQA20T300C Datasheet
375Kb / 9P
300 V, 20 A Q-Series Common-Cathode Diode
November 2015
LQA20T300C POWERINT-LQA20T300C_V01 Datasheet
375Kb / 9P
300 V, 20 A Q-Series Common-Cathode Diode
November 2015
More results


Similar Description - LQA20T300C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
300 V, 6 A Q-Series Diode
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
300 V, 10 A Q-Series Diode
LQA12T300C POWERINT-LQA12T300C Datasheet
185Kb / 8P
300 V, 12 A Q-Series Common-Cathode Diode
LQA30A300C POWERINT-LQA30A300C Datasheet
133Kb / 7P
300 V, 30 A Q-Series Common-Cathode Diode
LQA30T300 POWERINT-LQA30T300 Datasheet
121Kb / 7P
300 V, 30 A Q-Series Diode
LQA32T300C POWERINT-LQA32T300C Datasheet
103Kb / 7P
300 V, 32 A Q-Series Common-Cathode Diode
LQA60A300C POWERINT-LQA60A300C Datasheet
136Kb / 8P
300 V, 60 A Q-Series Common-Cathode Diode
LQA20T150C POWERINT-LQA20T150C Datasheet
550Kb / 8P
150 V, 20 A Common-Cathode Diode
Dec. 2014
LQA20T200C POWERINT-LQA20T200C Datasheet
696Kb / 8P
200 V, 20 A Common-Cathode Diode
April 2013
LQA20T300C POWERINT-LQA20T300C_V01 Datasheet
375Kb / 9P
300 V, 20 A Q-Series Common-Cathode Diode
November 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com