Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX32 Datasheet (PDF) - Motorola, Inc

MC74LCX32 Datasheet PDF - Motorola, Inc
Part # MC74LCX32
Download  MC74LCX32 Download
File Size   134.1 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE

MC74LCX32 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX32 Datasheet PDF - Motorola, Inc

Part # MC74LCX32
Download  MC74LCX32 Click to download

File Size   134.1 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE

MC74LCX32 Datasheet (HTML) - Motorola, Inc


MC74LCX32 Product details

Low–Voltage CMOS Quad 2–Input OR Gate
with 5V-Tolerant Inputs
   
The MC74LCX32 is a high performance, quad 2–input OR gate operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX32 inputs to be safely driven from 5V devices.
Current drive capability is 24mA at the outputs.
   
• Designed for 2.7 to 3.6V VCC Operation
• 5V Tolerant Inputs — Interface Capability With 5V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10µA) Substantially Reduces System
    Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V
   




Similar Part No. - MC74LCX32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
79Kb / 8P
Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
156Kb / 7P
Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
MC74LCX32D ONSEMI-MC74LCX32D Datasheet
134Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32D ONSEMI-MC74LCX32D Datasheet
79Kb / 8P
Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
More results


Similar Description - MC74LCX32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
74LVX32 FAIRCHILD-74LVX32 Datasheet
62Kb / 6P
Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVC32A STMICROELECTRONICS-74LVC32A Datasheet
221Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
26-Jul-2004
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32_04 Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
29-Jul-2004
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32_08 Datasheet
305Kb / 8P
Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com