Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA75501 Datasheet (PDF) - Sanyo Semicon Device

LA75501 Datasheet PDF - Sanyo Semicon Device
Part # LA75501
Download  LA75501 Download
File Size   118.44 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Use in TV/VCR Applications VIF/SIF Signal Processing IC

LA75501 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA75501 Datasheet PDF - Sanyo Semicon Device

Part # LA75501
Download  LA75501 Click to download

File Size   118.44 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Use in TV/VCR Applications VIF/SIF Signal Processing IC

LA75501 Datasheet (HTML) - Sanyo Semicon Device


LA75501 Product details

Overview
The LA75501 is an adjustment free VIF/SIF signal processing IC for PAL TV/VCR. It supports 38MHz, 38.9MHz, and 39.5MHz as the IF frequencies, as well as PAL sound multi-system (M/N,B/G, I, D/K), and contains an on-chip sound carrier trap and sound carrier BPF. To adjust the VCO circuit, AFT circuit, and sound filter, 4MHz external crystal or 4MHz external signal is needed.

Function
•VIF Block:  VIF Amplifier, PLL Detector, IF AGC, RFAGC, Equalizer, amplifier, Buzz Canceller, SIF Trap, Digital AFT, FLL, 4MHz X’tal oscillation
•1st SIF Block:  1st SIF Amplifier, 1st SIF Detector, 1st SIF AGC
•SIF Block:  Limiter Amplifier Down Converter,PLL FM Detector SIF PLL SIF VCO, SIF BPF
•Others:  IF SW (38.9MHz, 38MHz), SIF4 System SW (B/G, I, D/K, M/N), IFAGC 2nd filter




Similar Part No. - LA75501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results


Similar Description - LA75501

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
VIF/SIF signal processor IC for TV and VCR
logo
Sanyo Semicon Device
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
VIF/SIF Signal Processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com