Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX646 Datasheet (PDF) - Motorola, Inc

MC74LCX646 Datasheet PDF - Motorola, Inc
Part # MC74LCX646
Download  MC74LCX646 Download
File Size   169.0 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER

MC74LCX646 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX646 Datasheet PDF - Motorola, Inc

Part # MC74LCX646
Download  MC74LCX646 Click to download

File Size   169.0 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER

MC74LCX646 Datasheet (HTML) - Motorola, Inc


MC74LCX646 Product details

The MC74LCX646 is a high performance, non–inverting octal transceiver/registered transceiver operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX646 inputs to be safely driven from 5V devices. The MC74LCX646 is suitable for memory address driving and all TTL level bus oriented transceiver applications.

• Designed for 2.7 to 3.6V VCC Operation
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10µA) Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74LCX646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
MC74LCX646DT ONSEMI-MC74LCX646DT Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
MC74LCX646DW ONSEMI-MC74LCX646DW Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
MC74LCX646SD ONSEMI-MC74LCX646SD Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
More results


Similar Description - MC74LCX646

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com