Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25FW403A Datasheet (PDF) - Sanyo Semicon Device

LE25FW403A Datasheet PDF - Sanyo Semicon Device
Part # LE25FW403A
Download  LE25FW403A Download
File Size   155.47 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus

LE25FW403A Datasheet (PDF)

Go To PDF Page Download Datasheet
LE25FW403A Datasheet PDF - Sanyo Semicon Device

Part # LE25FW403A
Download  LE25FW403A Click to download

File Size   155.47 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus

LE25FW403A Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A Datasheet
131Kb / 18P
4M-bit Serial Flash Memory 30MHz SPI Bus
More results


Similar Description - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
CMOS IC 4M-bit (512K횞8) Serial Flash Memory
LE25FW203A SANYO-LE25FW203A Datasheet
127Kb / 18P
CMOS IC 2M-bit (256K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FW403A SANYO-LE25FW403A Datasheet
131Kb / 18P
4M-bit Serial Flash Memory 30MHz SPI Bus
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
4M-bit (512K횞8) Serial Flash Memory
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
4M-bit (512K횞8) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
4M-bit (512K횞8) Serial Flash Memory
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
MEMORY SPI NOR FLASH 4M BIT
REV1.0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com