Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5683P Datasheet (PDF) - Sanyo Semicon Device

LV5683P Datasheet PDF - Sanyo Semicon Device
Part # LV5683P
Download  LV5683P Download
File Size   171.2 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems Multi Voltage Regulator IC

LV5683P Datasheet (PDF)

Go To PDF Page Download Datasheet
LV5683P Datasheet PDF - Sanyo Semicon Device

Part # LV5683P
Download  LV5683P Click to download

File Size   171.2 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems Multi Voltage Regulator IC

LV5683P Datasheet (HTML) - Sanyo Semicon Device


LV5683P Product details

Overview
The LV5683P is a multi voltage regulator suitable for USB silicon tuner car-audio systems. This IC has 4 outputs, VDD 5V(3.3V), AUDIO(8.5V), SWU(3.3V) and USB5V(CD 8V: available). About protection circuits, it has Over-current-protection, Over-voltage-protection and Thermal-shut-down. VCC1(SWU and USB supply) is independent terminal from VCC, and accepts lower voltage(ex. From DC/DC converter) which enables to reduce power dissipation.

Features
• 4 system regulator
   VDD(LCD micon) : VOUT 5.0V(3.3V), IO max 300mA, reverse current prevention.
   Audio : VOUT 8.5V, IO max 300mA
   SWU(systems) : VOUT 3.3V, IO max 500mA
   USB : VOUT 5.0V(8.0V available for CD), IO max 1100mA
• Over-current-protection
• Over-voltage-protection: Typ 21V(except VDD)
• Thermal-shut-down Typ 175ºC
• Applied Pch-LDMOS for output stages.




Similar Part No. - LV5683P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
LV56831P SANYO-LV56831P Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
Multi Voltage Regulator IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
More results


Similar Description - LV5683P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
For Car Audio Systems Multi-Power Supply IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
For Car Audio Systems Multi-Power Supply IC
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
Multi Voltage Regulator IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
For Car Audio Systems Multi-Power Supply IC
August, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com