Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV47004P Datasheet (PDF) - Sanyo Semicon Device

LV47004P Datasheet PDF - Sanyo Semicon Device
Part # LV47004P
Download  LV47004P Download
File Size   290.61 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems 4-Channel BTL Power Amplifier

LV47004P Datasheet (PDF)

Go To PDF Page Download Datasheet
LV47004P Datasheet PDF - Sanyo Semicon Device

Part # LV47004P
Download  LV47004P Click to download

File Size   290.61 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems 4-Channel BTL Power Amplifier

LV47004P Datasheet (HTML) - Sanyo Semicon Device


LV47004P Product details

Overview
The LV47004P is the IC for 4-channel BTL power amplifier that is developed for car audio system.
Pch DMOS in the upper side of the output stage and Nch DMOS in the lower side of the output stage are complimentary High power and high quality sound are realized by that.
This IC incorporate various functions (standby switch, muting function, and various protection circuit) necessary for car audio system. Also, it has a self-diagnosis function.

Functions
• High output : PO max = 41W (typical) (VCC = 15.2V, f = 1kHz, RL = 4Ω, Max power)
                      : PO max = 24W (typical) (VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4Ω)
                      : PO max = 17W (typical) (VCC = 14.4V, f = 1kHz, THD = 1%, RL = 4Ω)
• Built-in muting function (pin 22)
• Built-in Standby switch (pin 4)
• Built-in Self-diagnosis function (pin 25) :
   Signal output in case of output offset detection, shorting to VCC, shorting to ground, and load shorting.
• Electric mirror noise decrease
• Built-in various protection circuit (shorting to ground, shorting to VCC, load shorting, over voltage and thermal shut down)
• No external anti-oscillation part necessary.




Similar Part No. - LV47004P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47004P SANYO-LV47004P Datasheet
308Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P ONSEMI-LV47004P Datasheet
180Kb / 11P
4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
More results


Similar Description - LV47004P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com