Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH4014 Datasheet (PDF) - Sanyo Semicon Device

MCH4014 Datasheet PDF - Sanyo Semicon Device
Part # MCH4014
Download  MCH4014 Download
File Size   84.29 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifi er

MCH4014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH4014 Datasheet PDF - Sanyo Semicon Device

Part # MCH4014
Download  MCH4014 Click to download

File Size   84.29 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifi er

MCH4014 Datasheet (HTML) - Sanyo Semicon Device


MCH4014 Product details

NPN Epitaxial Planar Silicon Transistor

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=10GHz typ (VCE=5V)
• High gain : |S21e|2=18dB typ (f=1GHz)
• Halogen free compliance




Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
RF Transistor
June, 2013
More results


Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
High Linearity Low Noise Amplifi er
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com