Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3011ICT Datasheet (PDF) - STMicroelectronics

TS3011ICT Datasheet PDF - STMicroelectronics
Part # TS3011ICT
Download  TS3011ICT Download

File Size   239.46 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail high-speed comparator

TS3011ICT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3011ICT Datasheet PDF - STMicroelectronics

Part # TS3011ICT
Download  TS3011ICT Click to download

File Size   239.46 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail high-speed comparator

TS3011ICT Datasheet (HTML) - STMicroelectronics

Back Button TS3011ICT Datasheet HTML 1Page - STMicroelectronics TS3011ICT Datasheet HTML 2Page - STMicroelectronics TS3011ICT Datasheet HTML 3Page - STMicroelectronics TS3011ICT Datasheet HTML 4Page - STMicroelectronics TS3011ICT Datasheet HTML 5Page - STMicroelectronics TS3011ICT Datasheet HTML 6Page - STMicroelectronics TS3011ICT Datasheet HTML 7Page - STMicroelectronics TS3011ICT Datasheet HTML 8Page - STMicroelectronics TS3011ICT Datasheet HTML 9Page - STMicroelectronics TS3011ICT Datasheet HTML 10Page - STMicroelectronics Next Button 

TS3011ICT Product details

Description

The TS3011 single comparator features a high speed response time with rail-to-rail inputs. Specified for a supply voltage of 2.2 to 5 V, this comparator can operate over a wide temperature range of -40°C to +125°C.

The TS3011 offers micropower consumption as low as a few hundred microamperes, thus providing an excellent ratio of power consumption current versus response time.

The TS3011 includes push-pull outputs and is available in small packages (SMD): SOT23-5 and SC70-5.



Features

■ Propagation delay: 8 ns

■ Low current consumption: 470 μA typ at 5 V

■ Rail-to-rail inputs

■ Push-pull outputs

■ Supply operation from 2.2 to 5 V

■ Wide temperature range: -40°C to +125°C

■ ESD tolerance: 2 kV HBM/200 V MM

■ Latch-up immunity: 200 mA

■ SMD packages



Applications

■ Telecoms

■ Instrumentation

■ Signal conditioning

■ High-speed sampling systems

■ Portable communication systems



 




Similar Part No. - TS3011ICT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M000 SEMTECH-TS30111-M000 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M015 SEMTECH-TS30111-M015 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M018 SEMTECH-TS30111-M018 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
More results


Similar Description - TS3011ICT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com