Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB80W06T Datasheet (PDF) - Sanyo Semicon Device

SB80W06T Datasheet PDF - Sanyo Semicon Device
Part # SB80W06T
Download  SB80W06T Download
File Size   263.77 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 60V, 8A Rectifier

SB80W06T Datasheet (PDF)

Go To PDF Page Download Datasheet
SB80W06T Datasheet PDF - Sanyo Semicon Device

Part # SB80W06T
Download  SB80W06T Click to download

File Size   263.77 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 60V, 8A Rectifier

SB80W06T Datasheet (HTML) - Sanyo Semicon Device


SB80W06T Product details

60V, 8A Rectifier

Features
• Low forward voltage (VF max=0.6V).
• Fast reverse recovery time.
• Low switching noise.
• High reliability due to highly reliable planar structure.
• Halogen free compliance.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB80W06T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB80W06T ONSEMI-SB80W06T Datasheet
344Kb / 7P
Schottky Barrier Diode 60V, 8A, Low IR, Monolithic Dual TP Common Cathode
September, 2013
SB80W06T-TL-H ONSEMI-SB80W06T-TL-H Datasheet
344Kb / 7P
Schottky Barrier Diode 60V, 8A, Low IR, Monolithic Dual TP Common Cathode
September, 2013
More results


Similar Description - SB80W06T

ManufacturerPart #DatasheetDescription
logo
Rohm
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
Small switching (60V, 8A)
logo
Sanyo Semicon Device
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
8A, 60V SCHOTTKY RECTIFIER
logo
Rohm
RD3L080SN ROHM-RD3L080SN Datasheet
2Mb / 16P
Nch 60V 8A Power MOSFET
logo
PFC Device Inc.
P8L60SP PFC-P8L60SP Datasheet
724Kb / 5P
8A 60V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
8A/60V Low VF Schottky Rectifier
logo
Rohm
RD3L080SNFRA ROHM-RD3L080SNFRA Datasheet
2Mb / 15P
Nch 60V 8A Power MOSFET
logo
Taiwan Semiconductor Co...
TSUP8M60SH TSC-TSUP8M60SH Datasheet
432Kb / 5P
8A, 60V Trench Schottky Rectifiers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com