Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB3035CT-1P Datasheet (PDF) - Vishay Siliconix

MBRB3035CT-1P Datasheet PDF - Vishay Siliconix
Part # MBRB3035CT-1P
Download  MBRB3035CT-1P Download
File Size   128.75 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 15 A

MBRB3035CT-1P Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB3035CT-1P Datasheet PDF - Vishay Siliconix

Part # MBRB3035CT-1P
Download  MBRB3035CT-1P Click to download

File Size   128.75 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 15 A

MBRB3035CT-1P Datasheet (HTML) - Vishay Siliconix




Similar Part No. - MBRB3035CT-1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB3035CT VISHAY-MBRB3035CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
MBRB3035CT VISHAY-MBRB3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBRB3035CT VISHAY-MBRB3035CT Datasheet
126Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
logo
Silicon Standard Corp.
MBRB3035CT SSC-MBRB3035CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRB3035CT KERSEMI-MBRB3035CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Similar Description - MBRB3035CT-1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-25CTQPBF VISHAY-VS-25CTQPBF Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CPQ0.0PBF VISHAY-VS-30CPQ0.0PBF Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
VS-30L30CTPBF VISHAY-VS-30L30CTPBF Datasheet
150Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CTQ0-N3 VISHAY-VS-30CTQ0-N3 Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
11-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com