Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2342DS Datasheet (PDF) - Vishay Siliconix

SI2342DS Datasheet PDF - Vishay Siliconix
Part # SI2342DS
Download  SI2342DS Download
File Size   137.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 8 V (D-S) MOSFET

SI2342DS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2342DS Datasheet PDF - Vishay Siliconix

Part # SI2342DS
Download  SI2342DS Click to download

File Size   137.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 8 V (D-S) MOSFET

SI2342DS Datasheet (HTML) - Vishay Siliconix


SI2342DS Product details

FEATURES
• TrenchFET® power MOSFET
• Low on-resistance
• 100 % Rg tested
• Material categorization:
   for definitions of compliance please see
   www.vishay.com/doc?99912

APPLICATIONS
• Load switches for low voltage gate drive
• Low voltage operating circuits
   - Gate drive 1.2 V to 5 V




Similar Part No. - SI2342DS

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI2342DS VISHAY-SI2342DS Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
SI2342DS VISHAY-SI2342DS Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
logo
VBsemi Electronics Co.,...
SI2342DS-T1-GE3 VBSEMI-SI2342DS-T1-GE3 Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI2342DS-T1-GE3 VISHAY-SI2342DS-T1-GE3 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
More results


Similar Description - SI2342DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
N-Channel 8-V (D-S) MOSFET
03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
N-Channel 8 V (D-S) MOSFET
26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
N-Channel 8 V (D-S) MOSFET
10-Sep-12
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
N-Channel 8 V (D-S) MOSFET
10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
N-Channel 8-V (D-S) MOSFET
17-Mar-08
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
N-Channel 8 V (D-S) MOSFET
23-Feb-15
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com