Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17497A Datasheet (PDF) - Maxim Integrated Products

MAX17497A Datasheet PDF - Maxim Integrated Products
Part # MAX17497A
Download  MAX17497A Download
File Size   3737.67 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator

MAX17497A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17497A Datasheet PDF - Maxim Integrated Products

Part # MAX17497A
Download  MAX17497A Click to download

File Size   3737.67 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator

MAX17497A Datasheet (HTML) - Maxim Integrated Products


MAX17497A Product details

General Description
The MAX17497A/MAX17497B include both a current mode fixed-frequency flyback converter and a synchronous step-down regulator. They contain all the control circuitry required to design wide input-voltage nonisolated power supplies to supply multiple output rails for smart meters, industrial control, and other similar applications. The MAX17497A has its rising/falling undervoltage lockout (UVLO) thresholds optimized for universal offline (85V AC to 265V AC) applications, while the MAX17497B supports undervoltage lockout (UVLO) thresholds suitable to low-voltage DC-DC applications. Both devices also include a 3.3V fixed-output synchronous step-down regulator that delivers up to 600mA load current.

Benefits and Features
♦ Reduced Component Count and Board Space
   ◇ Flyback/Boost with Integrated Internally
      Compensated Step-Down Regulator
   ◇ No Current-Sense Resistor
   ◇ Space-Saving 16-Pin (3mm x 3mm) TQFN
      Package
♦ Minimal Radio Interference
   ◇ 250kHz Switching in Offline Version
      Minimizes Interference with Radio Receivers
      in Smart Meter Applications
♦ Reduced Inrush Current
   ◇ Programmable Flyback/Boost Soft-Start
   ◇ Internal Digital Soft-Start for Step-Down
      Regulator
♦ Reduced Power Dissipation Under Fault
   ◇ Hiccup Mode Overcurrent Protection
   ◇ Thermal Shutdown with Hysteresis
♦ Robust Protection Features
   ◇ Flyback/Boost Programmable Current Limit
   ◇ Input Overvoltage Protection
♦ Optimized Loop Performance
   ◇ Programmable Slope Compensation for
      Flyback/Boost Maximizes Obtainable Phase
      Margin
♦ High Efficiency
   ◇ Low RDSON, 150mI, 65V-Rated Internal
      nMOSFET
   ◇ 3.3V Step-Down Regulator Efficiency Greater
      Than 90%
♦ Optional Spread Spectrum

Applications
   AC-DC Power Supplies for Smart Meter Applications
   Universal-Input Offline AC-DC Power Supplies
   Wide-Range DC Input Flyback/Boost Industrial Power Supplies




Similar Part No. - MAX17497A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497AATE+ MAXIM-MAX17497AATE+ Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497AEVKIT MAXIM-MAX17497AEVKIT Datasheet
369Kb / 8P
85V AC to 265V AC Input Voltage Range
Rev 2; 8/15
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
More results


Similar Description - MAX17497A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Maxim Integrated Produc...
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com