Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44251 Datasheet (PDF) - Maxim Integrated Products

MAX44251 Datasheet PDF - Maxim Integrated Products
Part # MAX44251
Download  MAX44251 Download
File Size   2624.06 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20V, Ultra-Precision, Low-Noise Op Amps

MAX44251 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44251 Datasheet PDF - Maxim Integrated Products

Part # MAX44251
Download  MAX44251 Click to download

File Size   2624.06 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20V, Ultra-Precision, Low-Noise Op Amps

MAX44251 Datasheet (HTML) - Maxim Integrated Products


MAX44251 Product details

General Description

The MAX44250/MAX44251/MAX44252 are 20V, ultra precision, low-noise, low-drift amplifiers that offer near zero DC offset and drift through the use of patented auto

correlating zeroing techniques. This method constantly measures and compensates the input offset, eliminating drift over time and temperature and the effect of 1/f noise.

These single, dual, and quad devices feature rail-to-rail outputs, operate from a single 2.7V to 20V supply or dual ±1.35V to ±10V supplies and consume only 1.15mA

per channel, while providing 5.9nV/√Hzinput-referred voltage noise. The ICs are unity-gain stable with a gain bandwidth product of 10MHz. With excellent specifications such as offset voltage of 6µV (max), drift of 19nV/°C (max), and 123nVP-Pnoise in 0.1Hz to 10Hz, the ICs are ideally suited for applications requiring ultra-low noise and DC precision such as interfacing with pressure sensors, strain gauges, precision weight scales, and medical instrumentation. The ICs are available in 5-pin SOT23, 8-pin SOT23, 8-pin µMAXM, and 14-pin SO packages and are rated over the -40°C to +125°C temperature range.



Benefits and Features

♦ 2.7V to 20V Power-Supply Range

♦ Integrated EMI Filter

♦ 6µV Input Offset Voltage (max) at Room Temperature

♦ TCVOSof 19nV/°C (max)

♦ Low 5.9nV/√HzInput-Referred Voltage Noise

♦ 123nVP-Pin 0.1Hz to 10Hz

♦ Fast 400ns Settling Time

♦ 10MHz Gain-Bandwidth Product

♦ Rail-to-Rail Output

♦ High Accuracy Enables Precision Signal Chain Acquisition




Similar Part No. - MAX44251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 17P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44251AKA MAXIM-MAX44251AKA Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44251AKA+ MAXIM-MAX44251AKA+ Datasheet
2Mb / 17P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44251AKA+ MAXIM-MAX44251AKA+ Datasheet
1Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251AUA MAXIM-MAX44251AUA Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
More results


Similar Description - MAX44251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amps
logo
Maxim Integrated Produc...
MAX4104 MAXIM-MAX4104 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
logo
3PEAK INC.
TP2311 3PEAK-TP2311 Datasheet
1Mb / 20P
10MHz Bandwidth, Low Noise Precision Op-amps
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com