Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQQ2202W Datasheet (PDF) - Panasonic Semiconductor

EVQQ2202W Datasheet PDF - Panasonic Semiconductor
Part # EVQQ2202W
Download  EVQQ2202W Download
File Size   187.76 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 6 mm Square Thin Type SMD Light Touch Switches

EVQQ2202W Datasheet (PDF)

Go To PDF Page Download Datasheet
EVQQ2202W Datasheet PDF - Panasonic Semiconductor

Part # EVQQ2202W
Download  EVQQ2202W Click to download

File Size   187.76 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 6 mm Square Thin Type SMD Light Touch Switches

EVQQ2202W Datasheet (HTML) - Panasonic Semiconductor


EVQQ2202W Product details

■ Features
● External dimensions : 6.0 mm6.1 mm, Height 5.0 mm
                                      (Including the push plate)
● Steady and low contact resistance (100 mΩ max.)
● Excellent solderability (J-bent-type terminals)

■ Recommended Applications
● Car electronics equipment




Similar Part No. - EVQQ2202W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ2202W PANASONIC-EVQQ2202W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQQ2202W PANASONIC-EVQQ2202W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQQ2202W PANASONIC-EVQQ2202W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQQ2202W PANASONIC-EVQQ2202W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
More results


Similar Description - EVQQ2202W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
6 mm Square Long Travel 2R Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-PPBA25 PANASONIC-EVQ-PPBA25 Datasheet
97Kb / 4P
6.0 mm3.5 mm Square Thin type Light Touch Switches for Refl ow Sol der ing
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-PRDA09 PANASONIC-EVQ-PRDA09 Datasheet
112Kb / 3P
6 mm Square Thin Type Double-action SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
6 mm Square Long Travel 2 terminals SMD Light Touch Switches
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com