Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97649B Datasheet (PDF) - Intersil Corporation

ISL97649B Datasheet PDF - Intersil Corporation
Part # ISL97649B
Download  ISL97649B Download
File Size   929.01 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET

ISL97649B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97649B Datasheet PDF - Intersil Corporation

Part # ISL97649B
Download  ISL97649B Click to download

File Size   929.01 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET

ISL97649B Datasheet (HTML) - Intersil Corporation


ISL97649B Product details

TFT-LCD Supply + DCP + VCOM Amplifier + Gate Pulse Modulator + RESET

The ISL97649B is an integrated power management IC (PMIC) for TFT-LCDs used in notebooks, tablet PCs, and monitors. The device integrates a boost converter for generating AVDD. VON and VOFF are generated by a charge pump driven by the switching node of the boost. The ISL97649B also includes a VON slice circuit, reset function, and a high performance VCOM amplifier with DCP (Digitally Controlled Potentiometer) that is used as a VCOM calibrator.

Features
• 2.5V to 5.5V Input
• 1.5A Integrated Boost for Up to 15V AVDD
• VON /VOFF Supplies Generated by Charge Pumps Driven by Boost Switch Node
• 600/1200kHz Selectable Switching Frequency
• Integrated Gate Pulse Modulator
• Reset Signal Generated by Supply Monitor
• Integrated VCOM Amplifier
• DCP
    - I2C Serial Interface, address:100111, MSB Left
    - Wiper Position Stored in 8-bit Nonvolatile Memory and Recalled on Power-up
    - Endurance, 1,000 Data Changes Per Bit
• UVLO, UVP, OVP, OCP, and OTP Protection
• Pb-Free (RoHS Compliant)
• 28 Ld 4X5 QFN

Applications
• LCD Notebook, Tablet, and Monitor




Similar Part No. - ISL97649B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649BIRTZ-EVALZ RENESAS-ISL97649BIRTZ-EVALZ Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649BIRZ RENESAS-ISL97649BIRZ Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
More results


Similar Description - ISL97649B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com