Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFB130FA40 Datasheet (PDF) - Vishay Siliconix

UFB130FA40 Datasheet PDF - Vishay Siliconix
Part # UFB130FA40
Download  UFB130FA40 Download
File Size   112.77 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 130 A

UFB130FA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
UFB130FA40 Datasheet PDF - Vishay Siliconix

Part # UFB130FA40
Download  UFB130FA40 Click to download

File Size   112.77 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 130 A

UFB130FA40 Datasheet (HTML) - Vishay Siliconix


UFB130FA40 Product details

DESCRIPTION / APPLICATIONS
The VS-UFB130FA40 insulated modules integrate two state of the art ultrafast recovery rectifiers in the compact, industry standard SOT-227 package. The diodes structure, and its life time control, provide an ultrasoft recovery current shape, together with the best overall performance, ruggedness and reliability characteristics.
These devices are thus intended for high frequency applications in which the switching energy is designed not to be predominant portion of the total energy, such as in the output rectification stage of welding machines, SMPS, DC/DC converters. Their extremely optimized stored charge and low recovery current reduce both over dissipation in the switching elements (and snubbers) and EMI/RFI.

FEATURES
• Two fully independent diodes
• Fully insulated package
• Ultrafast, soft reverse recovery, with high operation junction temperature (TJ max. = 175 °C)
• Low forward voltage drop
• Optimized for power conversion: welding and industrial SMPS applications
• Easy to use and parallel
• Industry standard outline
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - UFB130FA40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
UFB120FA20 IRF-UFB120FA20 Datasheet
211Kb / 6P
Insulated Ultrafast Rectifier Module
logo
Vishay Siliconix
UFB120FA20P VISHAY-UFB120FA20P Datasheet
115Kb / 7P
Insulated Ultrafast Rectifier Module, 120 A
07-May-08
UFB120FA20P VISHAY-UFB120FA20P Datasheet
147Kb / 8P
Insulated Ultrafast Rectifier Module, 120 A
21-Jul-10
UFB120FA20P VISHAY-UFB120FA20P Datasheet
131Kb / 8P
Insulated Ultrafast Rectifier Module, 120 A
21-Jul-10
UFB120FA20P VISHAY-UFB120FA20P_10 Datasheet
147Kb / 8P
Insulated Ultrafast Rectifier Module, 120 A
21-Jul-10
More results


Similar Description - UFB130FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFB130FA20 VISHAY-VS-UFB130FA20 Datasheet
120Kb / 7P
Insulated Ultrafast Rectifier Module, 130 A
22-Jul-13
VS-UFL130FA60 VISHAY-VS-UFL130FA60 Datasheet
145Kb / 7P
Insulated Ultrafast Rectifier Module, 130 A
31-May-16
VS-UFB130FA60 VISHAY-VS-UFB130FA60 Datasheet
170Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
18-Sep-2018
VSUFB130FA20 VISHAY-VSUFB130FA20 Datasheet
166Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
18-Sep-2018
VS-UFL130FA60 VISHAY-VS-UFL130FA60_V01 Datasheet
159Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
10-Sep-2019
VS-UFB130FA20 VISHAY-VS-UFB130FA20_V01 Datasheet
167Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
18-Sep-2018
VS-UFB130FA40 VISHAY-VS-UFB130FA40_V01 Datasheet
167Kb / 7P
Insulated Ultrafast Rectifier Module, 130 A
Revision: 18-Sep-2018
VS-UFB130FA60 VISHAY-VS-UFB130FA60_V02 Datasheet
170Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
18-Sep-2018
VS-UFL130FA60 VISHAY-VS-UFL130FA60_V02 Datasheet
159Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
10-Sep-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com