Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSUD360CW40 Datasheet (PDF) - Vishay Siliconix

VSUD360CW40 Datasheet PDF - Vishay Siliconix
Part # VSUD360CW40_10
Download  VSUD360CW40 Download
File Size   145.08 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt Ultrafast Soft Recovery Diode Module, 360 A

VSUD360CW40 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSUD360CW40 Datasheet PDF - Vishay Siliconix

Part # VSUD360CW40_10
Download  VSUD360CW40 Click to download

File Size   145.08 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt Ultrafast Soft Recovery Diode Module, 360 A

VSUD360CW40 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - VSUD360CW40_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSUD360CW40 VISHAY-VSUD360CW40 Datasheet
141Kb / 6P
Ultrafast Soft Recovery Diode, 360 A
30-Jul-08
More results


Similar Description - VSUD360CW40_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt
17-Feb-11
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
Ultrafast Soft Recovery Diode, 80 A FRED Pt
15-Jun-11
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60 Datasheet
146Kb / 6P
FRED Pt® , Ultrafast Soft Recovery Diode Module, 400 A
03-Nov-16
VS-VSUD410CW60 VISHAY-VS-VSUD410CW60 Datasheet
123Kb / 7P
FRED Pt® , Ultrafast Soft Recovery Diode Module, 400 A
18-Dec-2018
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40_V01 Datasheet
133Kb / 6P
FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A
14-Dec-2018
VS-VSUD400CW20 VISHAY-VS-VSUD400CW20 Datasheet
164Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode Module, 480 A
08-Sep-2022
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40_V02 Datasheet
132Kb / 6P
FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A
14-Dec-2018
VS-VSUD400CW20 VISHAY-VS-VSUD400CW20_V01 Datasheet
164Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode Module, 480 A
08-Sep-2022
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60_V02 Datasheet
131Kb / 6P
FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
14-Dec-2018
VS-VSUD410CW60 VISHAY-VS-VSUD410CW60_V02 Datasheet
123Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
18-Dec-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com