Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9712G6JB Datasheet (PDF) - Winbond

W9712G6JB Datasheet PDF - Winbond
Part # W9712G6JB
Download  W9712G6JB Download
File Size   1033.77 Kbytes
Page   86 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM

W9712G6JB Datasheet (PDF)

Go To PDF Page Download Datasheet
W9712G6JB Datasheet PDF - Winbond

Part # W9712G6JB
Download  W9712G6JB Click to download

File Size   1033.77 Kbytes
Page   86 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM

W9712G6JB Datasheet (HTML) - Winbond


W9712G6JB Product details

GENERAL DESCRIPTION

The W9712G6JB is a 128M bits DDR2 SDRAM, organized as 2,097,152 words ×4 banks ×16 bits. This device achieves high speed transfer rates up to 1066Mb/sec/pin (DDR2-1066) for general applications. W9712G6JB is sorted into the followingspeed grades: -18, -25, 25I, 25A and -3. The -18 is compliant to the DDR2-1066 (7-7-7) specification. The -25/25I/25Aare compliant to the DDR2-800 (5-5-5) or DDR2-800 (6-6-6) specification (the 25I industrial grade and 25A automotive grade which is guaranteed to support -40°C ≤TCASE ≤95°C). The -3 is compliant to the DDR2-667 (5-5-5) specification.



 FEATURES

Power Supply: VDD, VDDQ= 1.8 V ±0.1 V

Double Data Rate architecture: two data transfers per clock cycle

CAS Latency: 3, 4, 5, 6 and 7

Burst Length: 4 and 8

Bi-directional, differential data strobes (DQS andDQS) are transmitted / received with data

Edge-aligned with Read data and center-aligned with Write data

DLL aligns DQ and DQS transitions with clock

Differential clock inputs (CLK and CLK)

Data masks (DM) for write data.

Commands entered on each positive CLK edge, data and data mask are referenced to both edges of DQS

Posted CAS programmable additive latency supported to make command and data bus efficiency

Read Latency = Additive Latency plus CAS Latency (RL = AL + CL)

Off-Chip-Driver impedance adjustment (OCD) and On-Die-Termination (ODT) for better signal quality

Auto-precharge operation for read and write bursts

Auto Refresh and Self Refresh modes

Precharged Power Down and Active Power Down

Write Data Mask

Write Latency = Read Latency - 1 (WL = RL - 1)

Interface: SSTL_18

Packaged in WBGA 84 Ball (8X12.5 mm2), using Lead free materials with RoHS compliant




Similar Part No. - W9712G6JB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
W9712G6KB25I MICROCHIP-W9712G6KB25I Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results


Similar Description - W9712G6JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
4M 횞 4 BANKS 횞 16 BITS SDRAM
W9412G6CH WINBOND-W9412G6CH Datasheet
1Mb / 55P
2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6EH WINBOND-W9825G6EH Datasheet
1Mb / 42P
4 M 횞 4 BANKS 횞 16 BITS SDRAM
W971GG8JB WINBOND-W971GG8JB Datasheet
1Mb / 86P
16M 횞 8 BANKS 횞 8 BIT DDR2 SDRAM
W9412G6IH WINBOND-W9412G6IH Datasheet
831Kb / 53P
2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9712G8JB WINBOND-W9712G8JB Datasheet
1Mb / 86P
4M 횞 4 BANKS 횞 8 BIT DDR2 SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6EH WINBOND-W9825G6EH_10 Datasheet
633Kb / 42P
4 M 횞 4 BANKS 횞 16 BITS SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com