Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG135A Datasheet (PDF) - Siemens Semiconductor Group

BFG135A Datasheet PDF - Siemens Semiconductor Group
Part # BFG135A
Download  BFG135A Download
File Size   49.64 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)

BFG135A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG135A Datasheet PDF - Siemens Semiconductor Group

Part # BFG135A
Download  BFG135A Click to download

File Size   49.64 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)

BFG135A Datasheet (HTML) - Siemens Semiconductor Group


BFG135A Product details

NPN Silicon RF Transistor

• For low-distortion broadband amplifier
    stages in antenna and telecommunication
    systems up to 2 GHz at collector currents from
    70 mA to 130 mA
• Power amplifiers for DECT and PCN systems
• Integrated emitter ballast resistor
• fT = 6 GHz




Similar Part No. - BFG135A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFG135A INFINEON-BFG135A Datasheet
100Kb / 6P
NPN Silicon RF Transistor
Oct-26-1999
More results


Similar Description - BFG135A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG194 SIEMENS-BFG194 Datasheet
65Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFG235 SIEMENS-BFG235 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFP196 SIEMENS-BFP196 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFR194 SIEMENS-BFR194 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFX55 SIEMENS-BFX55 Datasheet
125Kb / 5P
NPN SILICON TRANSISTOR FOR VHF OUTPUT STAGES IN BROADBAND AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com