Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79076 Datasheet (PDF) - Motorola, Inc

MC79076 Datasheet PDF - Motorola, Inc
Part # MC79076
Download  MC79076 Download
File Size   64.76 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ELECTRONIC IGNITION CONTROL CIRCUIT

MC79076 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC79076 Datasheet PDF - Motorola, Inc

Part # MC79076
Download  MC79076 Click to download

File Size   64.76 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ELECTRONIC IGNITION CONTROL CIRCUIT

MC79076 Datasheet (HTML) - Motorola, Inc


MC79076 Product details

Electronic Ignition Control Circuit

The MCCF79076, in conjunction with an appropriate Motorola Power Darlington Transistor, provides an economical solution for automotive ignition applications. The MCCF79076 offers optimum performance by providing closed loop operation of the Power Darlington in controlling the ignition coil current. The MCCF79076 incorporates Flip–Chip Technology which involves the formation of solder bumps, rather than traditional wire bonds, to establish mechanical and electrical contact to the semiconductor chip. This process affords a unique device having improved reliability at elevated operating temperatures.

• Solder Bumped for Flip–Chip Assembly
• Ignition Coil Voltage Internally Limited to 375 V
• Coil Current Limiting to 7.5 A
• Output On–Time (Dwell) Control
• Dwell Feedback Control to Sense Coil Variation
• Hall Sensor Input
• –30°C ≤TA ≤+140°C Ambient Operating Temperature




Similar Part No. - MC79076

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
MC79076DW FREESCALE-MC79076DW Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
NXP Semiconductors
MC79076DW/R2 NXP-MC79076DW/R2 Datasheet
522Kb / 13P
Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Freescale Semiconductor...
MC79076R2 FREESCALE-MC79076R2 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
More results


Similar Description - MC79076

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
IGNITION CONTROL CIRCUIT
Sep-1998
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
686M MALLORY-686M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com