Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A94 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

A94 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # A94
Download  A94 Download
File Size   430.68 Kbytes
Page   2 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISTOR (PNP)

A94 Datasheet (PDF)

Go To PDF Page Download Datasheet
A94 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # A94
Download  A94 Click to download

File Size   430.68 Kbytes
Page   2 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISTOR (PNP)

A94 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


A94 Product details

FEATURES

High voltage



MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)

VCBO Collector-Base Voltage -400 V

VCEO Collector-Emitter Voltage -400 V

VEBO Emitter-Base Voltage -5 V

IC Collector Current -Continuous -0.2 A

PC Collector Power Dissipation 0.5 W

Tj Junction Temperature 150 ℃

Tstg Storage Temperature -55 to +150 ℃




Similar Part No. - A94

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A94 JIANGSU-A94 Datasheet
454Kb / 3P
TRANSISTOR竊?PNP 竊
logo
Daya Electric Group Co....
A94 DAYA-A94 Datasheet
207Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
A94 SECOS-A94 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
A94 HOTTECH-A94 Datasheet
263Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
A94 BILIN-A94 Datasheet
133Kb / 3P
High Voltage Transistor
More results


Similar Description - A94

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com