Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3407 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

AO3407 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # AO3407
Download  AO3407 Download
File Size   1992.18 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description 30V P-Channel Enhancement Mode MOSFET

AO3407 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3407 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # AO3407
Download  AO3407 Click to download

File Size   1992.18 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description 30V P-Channel Enhancement Mode MOSFET

AO3407 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


AO3407 Product details

30V P-Channel Enhancement Mode MOSFET

VDS= -30V
RDS(ON), Vgs@-10V, Ids@ 4.1A < 64.5mΩ
RDS(ON), Vgs@-4.5V, Ids@-3.0A < 87mΩ

Features
   Advanced trench process technology
   High Density Cell Design For Ultra Low On-Resistance




Similar Part No. - AO3407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3407 AOSMD-AO3407 Datasheet
297Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AO3407 AOSMD-AO3407 Datasheet
453Kb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3407 KEXIN-AO3407 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
logo
Kersemi Electronic Co.,...
AO3407 KERSEMI-AO3407 Datasheet
705Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
GUANGDONG HOTTECH INDUS...
AO3407 HOTTECH-AO3407 Datasheet
390Kb / 4P
Plastic-Encapsulate Mosfets
More results


Similar Description - AO3407

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com