Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3SB80 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

D3SB80 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # D3SB80
Download  D3SB80 Download
File Size   136.12 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A

D3SB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
D3SB80 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # D3SB80
Download  D3SB80 Click to download

File Size   136.12 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A

D3SB80 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


D3SB80 Product details

Reverse Voltage 50 to 800V Forward Current 4 A

Features
• Low reverse leakage
• High forward surge capability
• 120A Surge overload rating: 120 Amperes peak
• Lead and body according with RoHS standard




Similar Part No. - D3SB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SB80 SHINDENGEN-D3SB80 Datasheet
298Kb / 6P
General Purpose Rectifiers(800V 4A)
logo
Shanghai Sunrise Electr...
D3SB80 SSE-D3SB80 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D3SB80 LRC-D3SB80 Datasheet
55Kb / 2P
4.0A BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
D3SB80 PFS-D3SB80 Datasheet
346Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
D3SB80 SECOS-D3SB80 Datasheet
478Kb / 2P
Molding Single-Phase Bridge Rectifier
More results


Similar Description - D3SB80

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
D5SB05 DACHANG-D5SB05 Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 6A
D10SB20 DACHANG-D10SB20 Datasheet
134Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
D15SB20 DACHANG-D15SB20 Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 15A
D20SB20 DACHANG-D20SB20 Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 20A
D25SB20 DACHANG-D25SB20 Datasheet
183Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 25A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com