Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

ES2A Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # ES2A
Download  ES2A Download
File Size   120.05 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A

ES2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2A Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # ES2A
Download  ES2A Click to download

File Size   120.05 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A

ES2A Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


ES2A Product details

Reverse Voltage 50 to 600 V
Forward Current 2.0 A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed: 260℃/10 seconds at terminals
• Lead and body according with RoHS standard




Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
2.0 Ampere Superfast Rectifiers
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA Datasheet
149Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Rugao Dachang Electroni...
ES1A DACHANG-ES1A Datasheet
122Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES1AL DACHANG-ES1AL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES3A DACHANG-ES3A Datasheet
119Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
GOOD-ARK Electronics
SF201 GOOD-ARK-SF201_15 Datasheet
194Kb / 2P
Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com