Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EU1C Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

EU1C Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # EU1C
Download  EU1C Download
File Size   120.34 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A

EU1C Datasheet (PDF)

Go To PDF Page Download Datasheet
EU1C Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # EU1C
Download  EU1C Click to download

File Size   120.34 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A

EU1C Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


EU1C Product details

Reverse Voltage 200 to 1000V
Forward Current 0.25A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed:
   260℃/10 seconds, 0.375" (9.5mm) lead length,
• 5 lbs. (2.3kg) tension
• Lead and body according with RoHS standard

Mechanical Data
• Terminals: Plated axial leads
• Polarity: Color band denotes cathode end
• Mounting Position: Any




Similar Part No. - EU1C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Galaxy Semi-Conductor H...
EU1C BILIN-EU1C Datasheet
63Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
EU1C LUGUANG-EU1C Datasheet
175Kb / 2P
High Efficiency Rectifiers
logo
Rugao Dachang Electroni...
EU1C DACHANG-EU1C Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
logo
Galaxy Semi-Conductor H...
EU1CZ BILIN-EU1CZ Datasheet
63Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Similar Description - EU1C

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
BA157 DACHANG-BA157 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
BYV26A DACHANG-BYV26A Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0 A
ERB4402 DACHANG-ERB4402 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0A
FR151 DACHANG-FR151 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR201 DACHANG-FR201 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
FR501 DACHANG-FR501 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 5.0A
FR601 DACHANG-FR601 Datasheet
124Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 6.0A
RU3 DACHANG-RU3 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com