Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR405 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MUR405 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MUR405
Download  MUR405 Download
File Size   121.98 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A

MUR405 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR405 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MUR405
Download  MUR405 Click to download

File Size   121.98 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A

MUR405 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


MUR405 Product details

Reverse Voltage 50 to 600V
Forward Current 4.0A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed:
   260℃/10 seconds, 0.375" (9.5mm) lead length,
   5 lbs. (2.3kg) tension
• Lead and body according with RoHS standard




Similar Part No. - MUR405

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR405 JGD-MUR405 Datasheet
143Kb / 2P
4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR405 MCC-MUR405 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
ON Semiconductor
MUR405 ONSEMI-MUR405 Datasheet
67Kb / 7P
SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
logo
Galaxy Semi-Conductor H...
MUR405 BILIN-MUR405 Datasheet
68Kb / 2P
SUPER FAST RECTIFIER
logo
Shanghai Lunsure Electr...
MUR405 CHENYI-MUR405 Datasheet
58Kb / 2P
4Amp super fast recovery rectifier 50to1000 volts
More results


Similar Description - MUR405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MUR340 ETC-MUR340 Datasheet
170Kb / 2P
Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A)
logo
Rugao Dachang Electroni...
EG1A DACHANG-EG1A Datasheet
118Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 600V Forward Current 0.6A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
MUR305 DACHANG-MUR305 Datasheet
172Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 DACHANG-SF21 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF31 DACHANG-SF31 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF51 DACHANG-SF51 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Leshan Radio Company
SF41 LRC-SF41 Datasheet
206Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com