Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC88915 Datasheet (PDF) - Motorola, Inc

MC88915 Datasheet PDF - Motorola, Inc
Part # MC88915
Download  MC88915 Download
File Size   147.04 Kbytes
Page   13 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low Skew CMOS PLL Clock Driver

MC88915 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC88915 Datasheet PDF - Motorola, Inc

Part # MC88915
Download  MC88915 Click to download

File Size   147.04 Kbytes
Page   13 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low Skew CMOS PLL Clock Driver

MC88915 Datasheet (HTML) - Motorola, Inc


MC88915 Product details

Low Skew CMOS PLL Clock Driver



The MC88915 Clock Driver utilizes phase–locked loop technology to lock its low skew outputs’ frequency and phase onto an input reference clock. It is designed to provide clock distribution for high performance PC’s and workstations.



Features

•Five Outputs (QO–Q4) with Output–Output Skew < 500 ps each being phase and frequency locked to the SYNC input

•The phase variation from part–to–part between the SYNC and FEEDBACK inputs is less than 550 ps (derived from the tPDspecification, which defines the part–to–part skew)

•Input/Output phase–locked frequency ratios of 1:2, 1:1, and 2:1 are available

•Input frequency range from 5MHz – 2X_Q FMAX spec

•Additional outputs available at 2X and +2 the system “Q” frequency. Also a Q(180°phase shift) output available

•All outputs have ±36 mA drive (equal high and low) at CMOS levels, and can drive either CMOS or TTL inputs.

All inputs are TTL–level compatible

•Test Mode pin (PLL_EN) provided for low frequency testing. Two selectable CLOCK inputs for test or redundancy purposes



 




Similar Part No. - MC88915

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915T MOTOROLA-MC88915T Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN100 MOTOROLA-MC88915TFN100 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN133 MOTOROLA-MC88915TFN133 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
More results


Similar Description - MC88915

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com