Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR35A Datasheet (PDF) - Siemens Semiconductor Group

BFR35A Datasheet PDF - Siemens Semiconductor Group
Part # BFR35A
Download  BFR35A Download
File Size   91.64 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS AND HIGH-SPEED SWITCHING APPLICATIONS

BFR35A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR35A Datasheet PDF - Siemens Semiconductor Group

Part # BFR35A
Download  BFR35A Click to download

File Size   91.64 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS AND HIGH-SPEED SWITCHING APPLICATIONS

BFR35A Datasheet (HTML) - Siemens Semiconductor Group


BFR35A Product details

NPN Silicon Transistor for Low-Noise RF Broadband Amplifiers and High-Speed Switching Applications




Similar Part No. - BFR35A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
logo
Infineon Technologies A...
BFR35AP INFINEON-BFR35AP Datasheet
25Kb / 3P
NPN Silicon RF Transistor
Aug-01-2001
BFR35AP INFINEON-BFR35AP Datasheet
65Kb / 5P
NPN Silicon RF Transistor
2007-03-30
logo
New Jersey Semi-Conduct...
BFR35AP NJSEMI-BFR35AP Datasheet
73Kb / 2P
Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFR35AP INFINEON-BFR35AP Datasheet
602Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-21
More results


Similar Description - BFR35A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP196 SIEMENS-BFP196 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFQ74 SIEMENS-BFQ74 Datasheet
398Kb / 14P
NPN Silicon RF Transistor (For low-noise amplifiers in the GHz range, and broadband analog and digital applications)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com