Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84329AM-01 Datasheet (PDF) - Integrated Device Technology

84329AM-01 Datasheet PDF - Integrated Device Technology
Part # 84329AM-01
Download  84329AM-01 Download
File Size   338.94 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

84329AM-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
84329AM-01 Datasheet PDF - Integrated Device Technology

Part # 84329AM-01
Download  84329AM-01 Click to download

File Size   338.94 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

84329AM-01 Datasheet (HTML) - Integrated Device Technology


84329AM-01 Product details

GENERAL DESCRIPTION
The ICS84329-01 is a general purpose, single output high frequency synthesizer. The VCO operates at a frequency range of 200MHz to 700MHz. The VCO frequency is programmed in steps equal to the value of thecrystal frequency divided by 16. The VCO and output frequency can be programmed using the serial or parallel interfaces to the configuration logic. The output can be configured to divide the VCO frequency by 1, 2, 4, and 8. Output frequency steps as small as 125kHz to 1MHz can be achieved using a 16MHz crystal depending on the output dividers.

FEATURES
• Fully integrated PLL, no external loop filter requirements
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface
• Output frequency range: 25MHz to 700MHz
• VCO range: 200MHz to 700MHz
• Parallel interface for programming counter and output dividers during power-up
• Serial 3 wire interface
• RMS Period jitter: 5.5ps (maximum)
• Cycle-to-cycle jitter: 35ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - 84329AM-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
84329AM-01LF IDT-84329AM-01LF Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329AM-01LF RENESAS-84329AM-01LF Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
logo
Integrated Device Techn...
84329AM-01LFT IDT-84329AM-01LFT Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329AM-01LFT RENESAS-84329AM-01LFT Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
More results


Similar Description - 84329AM-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84330 ICST-ICS84330 Datasheet
368Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JULY 26, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com