Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR93A Datasheet (PDF) - Siemens Semiconductor Group

BFR93A Datasheet PDF - Siemens Semiconductor Group
Part # BFR93A
Download  BFR93A Download
File Size   57.53 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)

BFR93A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR93A Datasheet PDF - Siemens Semiconductor Group

Part # BFR93A
Download  BFR93A Click to download

File Size   57.53 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)

BFR93A Datasheet (HTML) - Siemens Semiconductor Group


BFR93A Product details

NPN Silicon RF Transistor

• For low noise, high-gain broadband amplifiers at
   collector current from 2mA to 30mA
• CECC.type available: CECC 50 002/256




Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
142Kb / 7P
NPN Silicon RF Transistor
2007-04-26
More results


Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181W SIEMENS-BFP181W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP182 SIEMENS-BFP182 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR183W SIEMENS-BFR183W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFS483 SIEMENS-BFS483 Datasheet
53Kb / 6P
NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com