Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2308B Datasheet (PDF) - Integrated Device Technology

IDT2308B Datasheet PDF - Integrated Device Technology
Part # IDT2308B
Download  IDT2308B Download
File Size   295.26 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V ZERO DELAY CLOCK MULTIPLIER

IDT2308B Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT2308B Datasheet PDF - Integrated Device Technology

Part # IDT2308B
Download  IDT2308B Click to download

File Size   295.26 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V ZERO DELAY CLOCK MULTIPLIER

IDT2308B Datasheet (HTML) - Integrated Device Technology


IDT2308B Product details

DESCRIPTION:

The IDT2308B is a high-speed phase-lock loop (PLL) clock multiplier. It is designed to address high-speed clock distribution and multiplication applications. The zero delay is achieved by aligning the phase between the incoming clock and the output clock, operable within the range of 10 to 133MHz.

The IDT2308B has two banks of four outputs each that are controlled via two select addresses. By proper selection of input addresses, both banks can be put in tri-state mode. In test mode, the PLL is turned off, and the input clock directly drives the outputs for system testing purposes. In the absence of an input clock, the IDT2308B enters power down, and the outputs are tri-stated. In this mode, the device will draw less than 25µA.



FEATURES:

• Phase-Lock Loop Clock Distribution for Applications ranging from 10MHz to 133MHz operating frequency

• Distributes one clock input to two banks of four outputs

• Separate output enable for each output bank

• External feedback (FBK) pin is used to synchronize the outputs to the clock input

• Output Skew <200 ps

• Low jitter <200 ps cycle-to-cycle

• 1x, 2x, 4x output options (see table):

   – IDT2308B-1 1x

   – IDT2308B-2 1x, 2x

   – IDT2308B-3 2x, 4x

   – IDT2308B-4 2x

   – IDT2308B-1H, -2H, and -5H for High Drive

• No external RC network required

• Operates at 3.3V VDD

• Available in SOIC and TSSOP packages



APPLICATIONS:

• SDRAM

• Telecom

• Datacom

• PC Motherboards/Workstations

• Critical Path Delay Designs



 




Similar Part No. - IDT2308B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
134Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
More results


Similar Description - IDT2308B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com