Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1AL Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

US1AL Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # US1AL
Download  US1AL Download
File Size   129.55 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A

US1AL Datasheet (PDF)

Go To PDF Page Download Datasheet
US1AL Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # US1AL
Download  US1AL Click to download

File Size   129.55 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A

US1AL Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


US1AL Product details

Reverse Voltage 50 --- 1000 V Forward Current 1.0 A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed:
   260℃/10 seconds at terminals
• Lead and body according with RoHS standard




Similar Part No. - US1AL

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
US1AL CHENDA-US1AL Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier
logo
SUNMATE electronic Co.,...
US1AL SUNMATE-US1AL Datasheet
313Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
DIYI Electronic Technol...
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Similar Description - US1AL

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N4001 DACHANG-1N4001 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1N4001G DACHANG-1N4001G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
US1A DACHANG-US1A Datasheet
120Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US2A DACHANG-US2A Datasheet
118Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A
US3A DACHANG-US3A Datasheet
118Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
1A1 DACHANG-1A1 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Microdiode Semiconducto...
HER302 CHENDA-HER302 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
logo
Gaomi Xinghe Electronic...
M1 GXELECTRONICS-M1 Datasheet
469Kb / 2P
Surface Mount General Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com