Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFY196 Datasheet (PDF) - Siemens Semiconductor Group

BFY196 Datasheet PDF - Siemens Semiconductor Group
Part # BFY196
Download  BFY196 Download
File Size   120.94 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)

BFY196 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFY196 Datasheet PDF - Siemens Semiconductor Group

Part # BFY196
Download  BFY196 Click to download

File Size   120.94 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)

BFY196 Datasheet (HTML) - Siemens Semiconductor Group


BFY196 Product details

Features

• HiRel Discrete and Microwave Semiconductor

• For low noise, high gain amplifiers up to 2 GHz.

• For linear broadband amplifiers

• Hermetically sealed microwave package

• fT = 6.5 GHz, F = 3 dB at 2 GHz

• ESA Qualification pending



 




Similar Part No. - BFY196

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY196 INFINEON-BFY196 Datasheet
149Kb / 4P
HiRel NPN Silicon RF Transistor
V2, February 2011
BFY196H INFINEON-BFY196H Datasheet
437Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY196P INFINEON-BFY196P Datasheet
437Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY196S INFINEON-BFY196S Datasheet
437Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
More results


Similar Description - BFY196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY180 SIEMENS-BFY180 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY193 SIEMENS-BFY193 Datasheet
122Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain broadband amplifiers up to 2 GHz.)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com