Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA318 Datasheet (PDF) - Siemens Semiconductor Group

BGA318 Datasheet PDF - Siemens Semiconductor Group
Part # BGA318
Download  BGA318 Download
File Size   20.5 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)

BGA318 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA318 Datasheet PDF - Siemens Semiconductor Group

Part # BGA318
Download  BGA318 Click to download

File Size   20.5 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)

BGA318 Datasheet (HTML) - Siemens Semiconductor Group




Similar Part No. - BGA318

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
logo
NXP Semiconductors
BGA3131 NXP-BGA3131 Datasheet
544Kb / 26P
DOCSIS 3.1 upstream amplifier
Rev. 1-13 May 2016
More results


Similar Description - BGA318

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
TriQuint Semiconductor
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
0.6-1.0 GHz W Digital Variable Gain Amplifier
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
19 dB Typical Small Signal Gain at 4 GHz
Rev 1.1
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
NXP Semiconductors
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com