Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV24C64 Datasheet (PDF) - ON Semiconductor

CAV24C64 Datasheet PDF - ON Semiconductor
Part # CAV24C64
Download  CAV24C64 Download
File Size   143.67 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 64-Kb I2C CMOS Serial EEPROM

CAV24C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAV24C64 Datasheet PDF - ON Semiconductor

Part # CAV24C64
Download  CAV24C64 Click to download

File Size   143.67 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 64-Kb I2C CMOS Serial EEPROM

CAV24C64 Datasheet (HTML) - ON Semiconductor


CAV24C64 Product details

Description
The CAV24C64 is a 64−Kb CMOS Serial EEPROM device, internally organized as 8192 words of 8 bits each.
It features a 32−byte page write buffer and supports the Standard (100 kHz) and Fast (400 kHz) I2C protocol.
External address pins make it possible to address up to eight CAV24C64 devices on the same bus.

Features
• Automotive Temperature Grade 1 (−40°C to +125°C)
• Supports Standard and Fast I2C Protocol
• 2.5 V to 5.5 V Supply Voltage Range
• 32−Byte Page Write Buffer
• Hardware Write Protection for Entire Memory
• CAV Prefix for Automotive and Other Applications Requiring Site and Change Control
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA)
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• SOIC, TSSOP 8−lead Packages
• This Device is Pb−Free, Halogen Free/BFR Free, and RoHS Compliant




Similar Part No. - CAV24C64

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C64 ONSEMI-CAV24C64 Datasheet
106Kb / 11P
64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64 Datasheet
339Kb / 17P
EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
CAV24C64C4CTR ONSEMI-CAV24C64C4CTR Datasheet
106Kb / 11P
64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAV24C64C4CTR ONSEMI-CAV24C64C4CTR Datasheet
339Kb / 17P
EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
CAV24C64WE-GT3 ONSEMI-CAV24C64WE-GT3 Datasheet
106Kb / 11P
64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
More results


Similar Description - CAV24C64

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C64 ONSEMI-CAT24C64 Datasheet
190Kb / 15P
64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com