Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240RU60D Datasheet (PDF) - Vishay Siliconix

240RU60D Datasheet PDF - Vishay Siliconix
Part # 240RU60D
Download  240RU60D Download
File Size   131.01 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 320 A

240RU60D Datasheet (PDF)

Go To PDF Page Download Datasheet
240RU60D Datasheet PDF - Vishay Siliconix

Part # 240RU60D
Download  240RU60D Click to download

File Size   131.01 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 320 A

240RU60D Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 240RU60D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
240R FUJITSU-240R Datasheet
180Kb / 3P
FOR BOARD-TO-CABLE CONNECTION
More results


Similar Description - 240RU60D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
240UR60D VISHAY-240UR60D Datasheet
115Kb / 6P
Standard Recovery Diodes (Stud Version), 320 A
28-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-240U80D VISHAY-VS-240U80D Datasheet
184Kb / 7P
Standard Recovery Diodes (Stud Version), 320 A
25-Nov-13
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
Standard Recovery Diodes (Stud Version), 380 A
05-Aug-14
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-240U VISHAY-VS-240U_V01 Datasheet
157Kb / 7P
Standard Recovery Diodes, (Stud Version), 320 A
11-Jan-18
VS-240UR VISHAY-VS-240UR Datasheet
156Kb / 7P
Standard Recovery Diodes, (Stud Version), 320 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com