Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD203NR Datasheet (PDF) - Vishay Siliconix

SD203NR Datasheet PDF - Vishay Siliconix
Part # SD203NR
Download  SD203NR Download
File Size   258.6 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 200 A

SD203NR Datasheet (PDF)

Go To PDF Page Download Datasheet
SD203NR Datasheet PDF - Vishay Siliconix

Part # SD203NR
Download  SD203NR Click to download

File Size   258.6 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 200 A

SD203NR Datasheet (HTML) - Vishay Siliconix


SD203NR Product details

FEATURES
• High power fast recovery diode series
• 1.0 to 2.0 µs recovery time
• High voltage ratings up to 2500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Compression bonded encapsulation
• Stud version JEDEC DO-205AB (DO-9)
• Maximum junction temperature 125 °C
• RoHS compliant
• Lead (Pb)-free
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications




Similar Part No. - SD203NR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
FAST RECOVERY DIODES Stud Version
logo
TRANSYS Electronics Lim...
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
SD203N04S10 TEL-SD203N04S10 Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
International Rectifier
SD203N04S10MBC IRF-SD203N04S10MBC Datasheet
122Kb / 9P
FAST RECOVERY DIODES Stud Version
SD203N04S10MBV IRF-SD203N04S10MBV Datasheet
122Kb / 9P
FAST RECOVERY DIODES Stud Version
More results


Similar Description - SD203NR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
FAST RECOVERY DIODES Stud Version
SD253N IRF-SD253N Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
logo
Vishay Siliconix
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
logo
Vishay Siliconix
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
SD200R20PC VISHAY-SD200R20PC Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
logo
Naina Semiconductor ltd...
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
Fast Recovery Diodes (Stud Version)
logo
Vishay Siliconix
VS-SD200NR VISHAY-VS-SD200NR Datasheet
140Kb / 7P
Standard Recovery Diodes, (Stud Version), 200 A
11-Jan-18
VS-SD203NR VISHAY-VS-SD203NR Datasheet
276Kb / 10P
Fast Recovery Diodes (Stud Version) 200 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com