Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD400NR Datasheet (PDF) - Vishay Siliconix

SD400NR Datasheet PDF - Vishay Siliconix
Part # SD400NR
Download  SD400NR Download
File Size   151.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 400 A

SD400NR Datasheet (PDF)

Go To PDF Page Download Datasheet
SD400NR Datasheet PDF - Vishay Siliconix

Part # SD400NR
Download  SD400NR Click to download

File Size   151.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 400 A

SD400NR Datasheet (HTML) - Vishay Siliconix


SD400NR Product details

FEATURES
• Wide current range
• High voltage ratings up to 2400 V
• High surge current capabilities
• Stud cathode and stud anode version
• Standard JEDEC types
• Compression bonded encapsulations
• Lead (Pb)-free
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications




Similar Part No. - SD400NR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD400N IRF-SD400N Datasheet
208Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD400N04MBC IRF-SD400N04MBC Datasheet
208Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD400N04MBV IRF-SD400N04MBV Datasheet
208Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD400N04MC IRF-SD400N04MC Datasheet
208Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD400N04MSC IRF-SD400N04MSC Datasheet
208Kb / 7P
STANDARD RECOVERY DIODES Stud Version
More results


Similar Description - SD400NR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400U VISHAY-400U Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 400 A
23-Jun-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
25-Nov-13
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
Standard Recovery Diodes, (Stud Version), 400 A
28-Apr-2020
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
Standard Recovery Diodes, (Stud Version), 400 A
11-Jan-18
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
Fast Recovery Diodes (Stud Version), 400/450 A
08-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com