Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC92052 Datasheet (PDF) - Motorola, Inc

MC92052 Datasheet PDF - Motorola, Inc
Part # MC92052
Download  MC92052 Download
File Size   40.47 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description FTTC User Framer

MC92052 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC92052 Datasheet PDF - Motorola, Inc

Part # MC92052
Download  MC92052 Click to download

File Size   40.47 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description FTTC User Framer

MC92052 Datasheet (HTML) - Motorola, Inc


MC92052 Product details

FTTC User Framer

The MC92052 is a peripheral device for the user side of an FTTC drop. It is composed of downstream and upstream TC-sublayer functionality with UTOPIA compliant ATM-layer ports.

MC92052 Features
• Implements the DAVIC short-range baseband asymmetrical physical layer standard
• Supports a bit rate of up to 51.84 Mbit/sec downstream
• Provides TDMA at a bit rate of up to 6.48 Mbit/s upstream, including DAVIC Bit Rates B, C, and D
• Interfaces to an ATM-layer device using a UTOPIA compliant interface
• Performs convolutional deinterleaving of the downstream payload blocks for the full range of interleaving depths (M = 1-31) using an external 16K x 8 SRAM
• Can optionally use an internal RAM for deinterleaving when the interleaving depth is small (M ≤ 2)
• Performs Reed-Solomon encoding of the upstream frames and decoding of the downstream frames
• Performs HEC-based cell delineation and error correction on the downstream data
• Optionally filters received ATM cells based on GFC/VPI pattern matching
• Includes serial data interfaces to a Physical Medium Dependent (PMD) sublayer device
• Optional serial data link interfaces for upstream and downstream frames
• Includes a power level control interface to the transmitter
• Provides an 8-bit system interface as a generic slave device
• IEEE 1149.1 (JTAG) boundary scan test port
• 3.3 V operation with TTL compatibility on I/O pins
• Extended temperature operation: -40 to 85 °C
• Available in 128 Pin Plastic Quad Flat Package




Similar Part No. - MC92052

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92053 MOTOROLA-MC92053 Datasheet
45Kb / 6P
Quad FTTC Network Framer
More results


Similar Description - MC92052

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92053 MOTOROLA-MC92053 Datasheet
45Kb / 6P
Quad FTTC Network Framer
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
Quad T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
Octal T1 Framer
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
QUADRUPLE E1 FRAMER
logo
Cirrus Logic
CS62180 CIRRUS-CS62180 Datasheet
411Kb / 50P
T1 FRAMER
logo
M/A-COM Technology Solu...
28953-BRF-001-A MA-COM-28953-BRF-001-A_15 Datasheet
336Kb / 2P
Flexible Framer
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
logo
PMC-Sierra, Inc
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
QUADRUPLE E1 FRAMER
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
Quad E1 Framer
092299
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com