Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1183 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N1183 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N1183
Download  1N1183 Download

File Size   298.56 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Power Rectifier

1N1183 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1183 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N1183
Download  1N1183 Click to download

File Size   298.56 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Power Rectifier

1N1183 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N1183 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 1N1183 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

1N1183 Product details

Silicon Power Rectifier

• Glass Passivated Die
• 800A surge rating
• Glass to metal construction
• VRRM to 1000V




Similar Part No. - 1N1183

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
logo
GeneSiC Semiconductor, ...
1N1183 GENESIC-1N1183 Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
logo
Microsemi Corporation
1N1183 MICROSEMI-1N1183 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1183 IRF-1N1183 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
More results


Similar Description - 1N1183

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
   Silicon Power Rectifier
S20 MICROSEMI-S20 Datasheet
112Kb / 3P
   Silicon Power Rectifier
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
   Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
   Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
   Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
   Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
   SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
   SILICON POWER RECTIFIER
logo
Microsemi Corporation
1N3744 MICROSEMI-1N3744 Datasheet
142Kb / 2P
   SILICON POWER RECTIFIER
1N2246 MICROSEMI-1N2246 Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com