Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1190A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N1190A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N1190A
Download  1N1190A Download

File Size   88.92 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Si Rectifier

1N1190A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1190A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N1190A
Download  1N1190A Click to download

File Size   88.92 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Si Rectifier

1N1190A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N1190A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.

1N1190A Product details

Silicon Power Rectifier

• Glass Passivated Die
• 800A surge rating
• Glass to metal construction
• VRRM to 1000V




Similar Part No. - 1N1190A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1190A MICROSEMI-1N1190A Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N1190A GENESIC-1N1190A Datasheet
753Kb / 3P
   Silicon Standard Recovery Diode
logo
International Rectifier
1N1190A IRF-1N1190A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
GeneSiC Semiconductor, ...
1N1190A GENESIC-1N1190A Datasheet
798Kb / 3P
   Silicon Standard Recovery Diode
logo
Vishay Siliconix
1N1190A VISHAY-1N1190A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
More results


Similar Description - 1N1190A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N1184A NJSEMI-1N1184A Datasheet
102Kb / 1P
   Si Rectifier
1N1201 NJSEMI-1N1201 Datasheet
99Kb / 1P
   Si Rectifier
1N3728 NJSEMI-1N3728 Datasheet
103Kb / 1P
   Si Rectifier
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
   Si Rectifier
1N648 NJSEMI-1N648 Datasheet
82Kb / 1P
   Si Rectifier
1N1348A NJSEMI-1N1348A Datasheet
108Kb / 1P
   Si Rectifier
1N2385 NJSEMI-1N2385 Datasheet
75Kb / 1P
   Si Rectifier
1N645 NJSEMI-1N645 Datasheet
113Kb / 1P
   Si Rectifier
1N1348B NJSEMI-1N1348B Datasheet
91Kb / 1P
   Si Rectifier
1N2458 NJSEMI-1N2458 Datasheet
88Kb / 1P
   Si Rectifier
1N2487 NJSEMI-1N2487 Datasheet
107Kb / 1P
   Si Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com