Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC218MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC218MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC218MS8_08
Download  HMC218MS8 Download
File Size   176.91 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz

HMC218MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC218MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC218MS8_08
Download  HMC218MS8 Click to download

File Size   176.91 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz

HMC218MS8 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC218MS8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
More results


Similar Description - HMC218MS8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8 Datasheet
177Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com