Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC484MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC484MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC484MS8G_10
Download  HMC484MS8G Download
File Size   889.63 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz

HMC484MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC484MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC484MS8G_10
Download  HMC484MS8G Click to download

File Size   889.63 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz

HMC484MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC484MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC484MS8GE HITTITE-HMC484MS8GE Datasheet
277Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
More results


Similar Description - HMC484MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G Datasheet
270Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC784MS8GE HITTITE-HMC784MS8GE Datasheet
257Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8_09 Datasheet
261Kb / 8P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC784A AD-HMC784A Datasheet
527Kb / 9P
GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
HMC595A AD-HMC595A Datasheet
371Kb / 6P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com